Part Number Hot Search : 
NTE5403 BAY67 MAX4605 TL081 IMP811R CXP84648 PCF2010P 5KP14A
Product Description
Full Text Search
 

To Download MP3202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
MP3202
1.3A Fixed Frequency White LED Driver
The Future of Analog IC Technology
DESCRIPTION
The MP3202 is a step-up converter designed for driving up to 39 white LEDs (13 strings of 3 LEDs each) from a 5V system rail. The MP3202 uses a current mode, fixed frequency architecture to regulate the LED current, which is measured through an external current sense resistor. Its low 104mV feedback voltage reduces power loss and improves efficiency. The OV pin monitors the output voltage and turns off the converter if an over-voltage condition is present due to an open circuit condition. The MP3202 includes under-voltage lockout, current limiting and thermal overload protection preventing damage in the event of an output overload. The MP3202 is available in small 6-pin TSOT23 or 8-pin QFN (2mm x 2mm) packages.
FEATURES
* * * * * * * * * * * * * * * 2.5V to 6V Input Voltage Range On Board Power MOSFET Drives up to 39 White LEDs at 5V Input Up to 92% Efficiency Over 1MHz Fixed Switching Frequency Open Load Shutdown Low 104mV Feedback Voltage Soft-Start/PWM Dimming UVLO, Thermal Shutdown Internal 1.3A Current Limit Available in TSOT23-6 and QFN8 Packages Cell Phones Handheld Computers and PDAs Digital Still Cameras Small LCD Displays
APPLICATIONS
"MPS" and "The Future of Analog IC Technology" are Registered Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN 4.5V - 6V
Efficiency vs Input Voltage
100 IOUT=100mA
EFFICIENCY (%)
13 Strings IN SW
90 80 70 60 50 4.0
IOUT=180mA
EN
EN
MP3202
OV FB
GND
4.5 5.0 5.5 INPUT VOLTAGE (V)
6.0
MP3202 Rev. 0.9 9/13/2006
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
1
www..com
MP3202 - 1.3A FIXED FREQUENCY WHITE LED DRIVER
PACKAGE REFERENCE
TOP VIEW SW GND FB 1 2 3 6 5 4 IN OV EN
TOP VIEW GND IN OV EN 1 2 3 4 8 7 6 5 SW NC FB GND
Part Number* MP3202DJ *
Package TSOT23-6
Temperature -40C to +85C
Part Number** MP3202DG
Package
Temperature
QFN8 -40C to +85C (2mm x 2mm)
For Tape & Reel, add suffix -Z (eg. MP3202DJ-Z) For RoHS compliant packaging, add suffix -LF (eg. MP3202DJ-LF-Z)
** For Tape & Reel, add suffix -Z (eg. MP3202DG-Z)
For RoHS compliant packaging, add suffix -LF (eg. MP3202DG-LF-Z)
ABSOLUTE MAXIMUM RATINGS (1)
SW Pin......................................-0.5V to +28.5V All Other Pins ..............................-0.3V to +6.5V Storage Temperature.............. -55C to +150C
Thermal Resistance
(3)
TSOT23-6.............................. 220 .... 110.. C/W QFN8 (2mm x 2mm) ............... 80 ...... 16... C/W
Notes: 1) Exceeding these ratings may damage the device. 2) The device is not guaranteed to function outside of its operating conditions. 3) Measured on approximately 1" square of 1 oz copper.
JA
JC
Recommended Operating Conditions
(2)
IN Supply Voltage ..............................2.5V to 6V Output Voltage ....................................VIN to 25V Operating Temperature............. -40C to +85C
ELECTRICAL CHARACTERISTICS
VIN = VEN = 5V, TA = +25C, unless otherwise noted.
Parameters Operating Input Voltage Supply Current (Shutdown) Supply Current (Quiescent) Switching Frequency Maximum Duty Cycle Under Voltage Lockout IN Under Voltage Lockout Under Voltage Lockout Hysteresis Open Lamp Shutdown Threshold Symbol Condition VIN VEN = 0V VFB = 0.15V fSW VFB = 0V UVLO VIN Rising 1.0 85 Min 2.5 0.1 690 1.3 92 2.25 92 VOV VOV Rising 28 Typ Max 6 1 750 1.5 Units V A A MHz % V mV V
2.45
MP3202 Rev. 0.9 9/13/2006
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
2
www..com
MP3202 - 1.3A FIXED FREQUENCY WHITE LED DRIVER
ELECTRICAL CHARACTERISTICS (continued)
VIN = VEN = 5V, TA = +25C, unless otherwise noted.
Parameters Enable EN Threshold EN Threshold EN Hysteresis EN Input Bias Current Feedback FB Voltage FB Input Bias Current Output Switch SW On-Resistance (4) SW Current Limit (4) Thermal Shutdown (4)
Notes: 4) Guaranteed by design.
Symbol Condition VEN Rising, VIN = 5V VEN Rising, VIN = 2.5V VEN = 0V, 5V
Min 1.0 0.8
Typ 1.35 90
Max 1.6
Units V V mV A mV nA A C
1 94 -600 104 -300 0.5 1.33 160 114
VFB = 0.1V RON Duty Cycle = 60%
PIN FUNCTIONS
TSOT23-6 Pin # 1 2 3 QFN8 Pin # 8 1, 5 6 Name Description SW GND FB Power Switch Output. SW is the drain of the internal MOSFET switch. Connect the power inductor and output rectifier to SW. SW can swing between GND and 25V. Ground. Feedback Input. The MP3202 regulates the voltage across the current sense resistor between FB and GND. Connect a current sense resistor from the bottom of the LED string to GND. Connect the bottom of the LED string to FB. The regulation voltage is 104mV. Regulator On/Off Control Input. A high input at EN turns on the converter, and a low input turns it off. When not used, connect EN to the input source for automatic startup. The EN pin cannot be left floating. Over Voltage Input. OV measures the output voltage for open circuit protection. Connect OV to the output at the top of the LED string. Input Supply Pin. Must be locally bypassed. No Connect.
4 5 6
4 3 2 7
EN OV IN NC
MP3202 Rev. 0.9 9/13/2006
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
3
www..com
MP3202 - 1.3A FIXED FREQUENCY WHITE LED DRIVER
OPERATION
The MP3202 uses a constant frequency, peak current mode boost regulator architecture to regulate the strings of white LEDs. Refer to the block diagram in Figure 1 for details. At the start of each oscillator cycle the FET is turned on through the control circuitry. To prevent sub-harmonic oscillations at duty cycles greater than 50%, a stabilizing ramp is added to the output of the current sense amplifier and the result is fed into the positive input of the PWM comparator. When this voltage equals the output voltage of the error amplifier the power FET is turned off. The voltage at the output of the error amplifier is an amplified version of the difference between the 104mV reference voltage and the feedback voltage. In this way the peak current level keeps the output in regulation. If the feedback voltage starts to drop, the output of the error amplifier increases. This results in more current flowing through the power FET, thus increasing the power delivered to the output.
FB
+ + AMPLIFIER CONTROL LOGIC M1 SW
104mV
PWM COMPARATOR + + CURRENT SENSE AMPLIFIER 1.3MHz OSC GND
Figure 1--Functional Block Diagram
MP3202 Rev. 0.9 9/13/2006
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
4
www..com
MP3202 - 1.3A FIXED FREQUENCY WHITE LED DRIVER
APPLICATION INFORMATION
VIN 4V to 6V MBR0520
9 Strings Total
IN
SW
OFF ON
EN
MP3202
OV FB
GND
Figure 2--Circuit for Driving 27 WLEDs A typical application circuit is provided in Figure 2. The 27 white LEDs can be driven from a voltage supply range of 4V to 6V at a total output current of 180mA. A 2.2F output capacitor is sufficient for most applications but up to 1F may be used. A 10H inductor with low DCR (inductor resistance) is recommended to improve efficiency. A 4.7F ceramic capacitor is recommended for the input capacitance in the real system. Schottky diodes with fast recovery and a low forward voltage are recommended. Schottky diodes with a 500mA rating are sufficient for the MP3202. The switching characteristics during normal operation can be seen in Figure 3. The MP3202 has internal soft-start to limit the amount of current through the IN pin at startup and to also limit the amount of overshoot on the output. The current limit is increased by a fourth every 40s giving a total soft-start time of 120s.
Steady State Operation
VIN = 5V, 27 LEDS, 180mA
VSW 5V/div. VOUT AC 200mV/div.
IL 500mA/div.
400ns/div.
Figure 3--Steady State Operation Figure 4 shows the startup behavior of the MP3202. The ramped voltage added to the current sense amplifier reduces the current output as the duty cycle increases. As more LEDs are added, the output voltage rises but the current that can be delivered to the load is reduced as well.
MP3202 Rev. 0.9 9/13/2006
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
5
www..com
MP3202 - 1.3A FIXED FREQUENCY WHITE LED DRIVER Analog and Digital Dimming There are three methods to control dimming for the MP3202 during normal operation. The first method uses DC voltage to control the feedback voltage. This is shown in Figure 6. As the DC voltage increases, current starts flowing down R1, R2 and R3. The loop will continue to regulate the feedback voltage to 104mV. Thus the current has to decrease through the LEDs by the same amount of current as is being injected from the DC voltage source. With a VDC from 0V to 2V, the resistor values shown for R2 and R3 can control the LED current from 0mA to 20mA.
VDC
Startup Waveforms
VIN = 5V, 27 LEDs, 180mA
VEN 5V/div.
VOUT 5V/div. IOUT 200mA/div. IL 500mA/div.
Figure 4--Startup Waveforms Figure 5 shows the dependence on current limit versus duty cycle.
1.6 1.5
CURRENT LIMIT (A)
LED1 LED2 LED3 MP3202
FB
1.4 1.3 1.2 1.1 1.0 0.9 0.8 0 20 40 60 80 DUTY CYCLE (%) 100
Figure 6--Dimming Control Using a DC Voltage
Figure 5--Current Limit vs. Duty Cycle Setting the LED Current The LED current is controlled by the feedback resistors R1 and R2, as shown in Figure 2. The current through the LEDs is given by the equation:
ILED = 104mV x R1 + R2 R1 x R2
Table 1 shows the selection of resistors for a given LED current. Table 1--ILED vs. R1
ILED (mA) 10 50 100 150 180 R1 () 10.4 2.08 1.04 1.5 1.2 R2 () N/A N/A N/A 1.3 1.1
MP3202 Rev. 0.9 9/13/2006
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
6
www..com
MP3202 - 1.3A FIXED FREQUENCY WHITE LED DRIVER Open Load Protection Open Load protection will shut off the MP3202 if the output voltage rises too high when the OV pin is tied to the output. In some cases an LED may fail. This will result in the feedback voltage always remaining at zero. The part will run at maximum duty cycle boosting the output voltage higher and higher. By tying the OV pin to the top of the LED string the MP3202 can check for this condition. If the output exceeds 28V, the MP3202 will shut down. The part will not switch again until the power is recycled. Figure 9 shows the behavior of the MP3202 into an open load.
Other applications require a logic signal to control dimming. This is shown in Figure 7. The PWM signal is applied to the EN pin of the MP3202. The LEDs will switch between full load to completely shut off. The average current through the LEDs will increase proportionally to the duty cycle of the PWM signal. The PWM signal used in Figure 7 should be 1KHz or below due to the soft-start function.
LED1 LED2 LED3 MP3202 PWM
EN FB
Startup Waveforms into an Open Load
VIN = 3.6V
Figure 7--PWM Dimming Control Using a Logic Signal If the PWM signal is above 1KHz, dimming can be achieved using the circuit shown in Figure 8.
LED1 MP3202
FB
VEN 5V/div.
VOV 10V/div. VSW 10V/div.
LED2 LED3
Figure 9--Startup Waveforms into an Open Load Layout Considerations Careful attention must be paid to the PCB board layout and component placement. Proper layout of the high frequency switching path is critical to prevent noise and electromagnetic interference problems. Due to high frequency switching, the length and area of all the traces connected to the switch node should be minimized.
PWM
Figure 8-- Dimming Control Using a Filtered PWM Signal
MP3202 Rev. 0.9 9/13/2006
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
7
www..com
MP3202 - 1.3A FIXED FREQUENCY WHITE LED DRIVER
PACKAGE INFORMATION
TSOT23-6
2.80 3.00 6 4 1.20 TYP 0.60 TYP 0.95 BSC
See Note 7 EXAMPLE TOP MARK
PIN 1
AAAA
1 3
1.50 1.70
2.60 3.00
2.60 TYP
TOP VIEW
RECOMMENDED LAND PATTERN
0.84 0.90
1.00 MAX SEATING PLANE 0.30 0.50 0.95 BSC 0.00 0.10 SEE DETAIL "A" 0.09 0.20
FRONT VIEW
SIDE VIEW
NOTE:
GAUGE PLANE 0.25 BSC 1) ALL DIMENSIONS ARE IN MILLIMETERS. 2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH, PROTRUSION OR GATE BURR. 3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. 4) LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.10 MILLIMETERS MAX. 5) DRAWING CONFORMS TO JEDEC MO-193, VARIATION AB. 6) DRAWING IS NOT TO SCALE. 7) PIN 1 IS LOWER LEFT PIN WHEN READING TOP MARK FROM LEFT TO RIGHT, (SEE EXAMPLE TOP MARK)
0o-8o
0.30 0.50
DETAIL A
MP3202 Rev. 0.9 9/13/2006
www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
8
www..com
MP3202 - 1.3A FIXED FREQUENCY WHITE LED DRIVER
QFN8 (2mm x 2mm)
PIN 1 ID MARKING 1.90 2.10 0.18 0.30 1.90 2.10 0.50 BSC 0.25 0.45 8 0.45 0.65 PIN 1 ID SEE DETAIL A 1 1.05 1.25
PIN 1 ID INDEX AREA
5
4
TOP VIEW
BOTTOM VIEW
0.80 1.00 0.20 REF 0.00 0.05
PIN 1 ID OPTION A R0.20 TYP.
PIN 1 ID OPTION B R0.20 TYP.
SIDE VIEW
DETAIL A
1.90 0.70 0.25 0.60
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS. 2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH. 3) LEAD COPLANARITY SHALL BE 0.10 MILLIMETER MAX. 4) DRAWING CONFORMS TO JEDEC MO-229, VARIATION VCCD-3. 5) DRAWING IS NOT TO SCALE. 1.20
0.50
RECOMMENDED LAND PATTERN
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not assume any legal responsibility for any said applications.
MP3202 Rev. 0.9 9/13/2006 www.MonolithicPower.com MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited. (c) 2006 MPS. All Rights Reserved.
9


▲Up To Search▲   

 
Price & Availability of MP3202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X